|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Solid State Devices, Inc. 14701 Firestone Blvd * La Mirada, Ca 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com SSR0508J SSR0509J SSR0510J 5 AMP 80 100 VOLTS SCHOTTKY RECTIFIER Designer's Data Sheet Part Number/Ordering Information1/ SSR0508J __ __ SSR0509J __ __ SSR0510J __ __ Screening 2/ __ = Not Screened TX = TX Level TXV = TXV S = S Level Lead Options __ = Straight Leads, DB = Bent Down, UB = Bent Up FEATURES: * * * * * * * Extremely Low Forward Voltage Drop Low Reverse Leakage Hermetically Sealed Isolated Power Package Guard Ring for Over-Voltage Protection Eutectic Die Attach 175C Operating Junction Temperature TX, TXV, or Space Level Screening Available TO-257 MAXIMUM RATINGS RATING Peak Repetitive Reverse Voltage and DC Blocking Voltage SSR0508J SSR0509J SSR0510J Average Rectified Output Current (Resistive Load, 60Hz, Sine Wave, TA=25C) Peak Surge Current 3/ (8.3 ms Pulse, Half Sine Wave, superimposed on IO, allow junction to reach equilibrium between pulses, TA=25C) Operating and Storage Temperature Maximum Thermal Resistance 3/ Junction to Case NOTES: SYMBOL VRRM VRWM VR IO IFSM VALUE UNIT 80 90 100 5 200 Volts Amps Amps TOP & TSTG RJC -65 to +175 1.7 C C/W 1/ For ordering information, Price, and Availability- Contact Factory. 2/ Screened to MIL-PRF-19500. 3/ For optimal performance, leads 2 & 3 should be connected. NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release. DATA SHEET #: RS0191C DOC Solid State Devices, Inc. 14701 Firestone Blvd * La Mirada, Ca 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com SSR0508J SSR0509J SSR0510J ELECTRICAL CHARACTERISTICS CHARACTERISTICS Instantaneous Forward Voltage Drop (IF = 1 Adc, TA = 25C, Pulse) (IF = 5 Adc, TA = 25C, Pulse) Instantaneous Forward Voltage Drop (IF = 5 Adc, TA = -55C, Pulse) Reverse Leakage Current (Rated VR, TA = 25C, Pulse) Reverse Leakage Current (Rated VR, TA = 100C, Pulse) Junction Capacitance (VR = 10 Vdc, TA = 25C, f = 1 MHz) SYMBOL VF1 VF2 VF3 IR1 IR2 CJ MAXIMUM 0.56 0.73 0.8 100 5 400 UNIT Vdc Vdc A mA pF Case Outline- TO-257* PIN 1- CATHODE PIN 2- ANODE PIN 3- ANODE. TO-257 with Bent Down Leads (DB Suffix) TO-257 with Bent Up Leads (UB Suffix) * For information on curves, contact the Factory Representative for Engineering Assistance. NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release. DATA SHEET #: RS0191C DOC |
Price & Availability of SSR0510J |